Electronic Components Datasheet Search
  English  ▼

X  

FX602 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX602 Datasheet HTML 12Page - CML Microcircuits FX602 Datasheet HTML 13Page - CML Microcircuits FX602 Datasheet HTML 14Page - CML Microcircuits FX602 Datasheet HTML 15Page - CML Microcircuits FX602 Datasheet HTML 16Page - CML Microcircuits FX602 Datasheet HTML 17Page - CML Microcircuits FX602 Datasheet HTML 18Page - CML Microcircuits FX602 Datasheet HTML 19Page - CML Microcircuits FX602 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
16
D/602/7
A.
Normal conversation with both near and far end voice present.
B.
Central Office mutes far end voice, sends CAS and becomes silent.
C.
CPE recognises CIDCW initiation and mutes near end voice and keypad.
D.
CPE sends dtmf ACK to Central Office to signal its readiness to receive FSK data.
E.
Central Office recognises ACK and sends FSK Caller ID data to CPE.
F.
CIDCW transaction is complete. CPE unmutes near end voice and the Central Office
unmutes far end voice, returning to normal conversation.
Figure 9a : CIDCW Transaction from Near End CPE Perspective
From the near end CPE’s perspective, the initiation of a CIDCW transaction is characterized by two events
occurring in sequence: (1) a CAS dual tone burst is received, and (2) a subsequent quiet period passes as far
end speech continues to be muted. In the algorithm to be described these two events are detected by the
FX602’s Dual Tone Alert detector and FSK level detector, respectively.
Caller ID and CIDCW products require a microcontroller to manage the transfer and display of Caller ID data.
The same microcontroller is easily used to observe and control the FX602 CIDCW transaction initiation
detection process. This involves measuring the FX602 DET output pulse duration, controlling the muting of
near end voice, watching for further DET output activity, and controlling whether the FX602 is in Dual Tone
Alert or FSK Receive modes, as shown in Figure 9b below.
Figure 9b : FX602 Operation during CIDCW Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com