Electronic Components Datasheet Search
  English  ▼

X  

FX602 Datasheet(PDF) 24 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button FX602 Datasheet HTML 20Page - CML Microcircuits FX602 Datasheet HTML 21Page - CML Microcircuits FX602 Datasheet HTML 22Page - CML Microcircuits FX602 Datasheet HTML 23Page - CML Microcircuits FX602 Datasheet HTML 24Page - CML Microcircuits FX602 Datasheet HTML 25Page - CML Microcircuits FX602 Datasheet HTML 26Page - CML Microcircuits FX602 Datasheet HTML 27Page - CML Microcircuits FX602 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
24
D/602/7
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
D4 / P3 Packages
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
-40
+85
°C
Xtal frequency
1
3.575965
3.583125
MHz
Notes:
1. A Xtal frequency of 3.579545MHz ±0.1% is required for correct Tone Alert and FSK
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com