Electronic Components Datasheet Search
  English  ▼

X  

FX631 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX631
Description  Low-Voltage SPM Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX631 Datasheet(HTML) 6 Page - CML Microcircuits

  FX631 Datasheet HTML 1Page - CML Microcircuits FX631 Datasheet HTML 2Page - CML Microcircuits FX631 Datasheet HTML 3Page - CML Microcircuits FX631 Datasheet HTML 4Page - CML Microcircuits FX631 Datasheet HTML 5Page - CML Microcircuits FX631 Datasheet HTML 6Page - CML Microcircuits FX631 Datasheet HTML 7Page - CML Microcircuits FX631 Datasheet HTML 8Page - CML Microcircuits FX631 Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Specification
Specification
Specification
Specification
Specification
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is
not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS
= 0V)
-0.3 to (V
DD
+ 0.3V)
Sink/source current (supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation (DW/P) @ T
AMB
25°C
800mW Max.
(D5) @ T
AMB
25°C
550mW Max.
Derating
(DW/P)
10mW/°C
(D5)
9mW/°C
Operating Temperature (T
OP)
:
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
-40°C to +85°C
Storage temperature range (T
ST)
:
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
FX631DW/D5/P
-40°C to +85°C
Functional Limits ......
Functional Limits ......
Functional Limits ......
Functional Limits ......
Functional Limits ......
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Supply Voltage (V
DD)
3.0
5.5
V
at 25°C
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD
= 3.3V to 5.0V T
OP
= -40 to +85 °C. Audio Level 0dB ref: = 775mVrms. Noise Bandwidth = 50kHz.
Xtal/Clock or ‘Clock In’ Frequency = 3.579545MHz. 12kHz or 16kHz System Setting.
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
See Note
See Note
See Note
See Note
See Note
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Supply Current
1
-
-
1.1
mA
2
-
-
2.2
mA
Input Logic “1”
(High)
70
-
-
%V
DD
Input Logic “0”
(Low)
-
-
30
%V
DD
Output Logic “1”
(High)
90
-
-
%V
DD
Output Logic “0”
(Low)
-
-
10
%V
DD
Xtal/Clock or Clock In Frequency
3.558918
–
3.589368
MHz
“High” External Clock Pulse Width
100
-
-
ns
“Low” External Clock Pulse Width
100
-
-
ns
Input Amp
D.C. Gain
60.0
-
-
dB
Bandwidth (-3dB)
-
100
-
Hz
Input Impedance
-
1.0
-
M
Ω
Logic Impedances
Input
(System)
0.7
-
3.8
M
Ω
(Clock In)
10.0
-
-
M
Ω
Output
-
14.0
30.0
k
Ω
Overall Performance
12kHz Detect Bandwidth
3
11.820
12.180
kHz
12kHz Not-Detect Frequencies (below 12kHz)
3
-
-
11.520
kHz
12kHz Not-Detect Frequencies (above 12kHz)
3
12.480
-
-
kHz
16kHz Detect Bandwidth
3
15.760
16.240
kHz
16kHz Not-Detect Frequencies (below 16kHz)
3
-
-
15.360
kHz
16kHz Not-Detect Frequencies (above 16kHz)
3
16.640
-
-
kHz
Sensitivity
1, 4
7.8
10.0
15.5
mVp-p
Tone Operation Characteristics
Signal-to-Noise Requirements (Amp Input)
5, 6, 7, 8
22.0
20.0
-
dB
Signal-to-Voice Requirements (Amp Input)
5, 6, 7, 9
-36.0
-40.0
-
dB
Signal-to-Voice Requirements (Amp Output)
7, 8
-25.0
-
-29.0
dB
Tone Follower Output
Response and De-Response Times
3, 10
-
-
10.0
ms
Packet Mode Output
Response and De-Response Times
3, 10
40.0
-
48.0
ms
Notes .. .. .. .. ..
Notes .. .. .. .. ..
Notes .. .. .. .. ..
Notes .. .. .. .. ..
Notes .. .. .. .. ..



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com