Electronic Components Datasheet Search
  English  ▼

X  

FX631 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX631
Description  Low-Voltage SPM Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX631 Datasheet(HTML) 7 Page - CML Microcircuits

  FX631 Datasheet HTML 1Page - CML Microcircuits FX631 Datasheet HTML 2Page - CML Microcircuits FX631 Datasheet HTML 3Page - CML Microcircuits FX631 Datasheet HTML 4Page - CML Microcircuits FX631 Datasheet HTML 5Page - CML Microcircuits FX631 Datasheet HTML 6Page - CML Microcircuits FX631 Datasheet HTML 7Page - CML Microcircuits FX631 Datasheet HTML 8Page - CML Microcircuits FX631 Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Specification ......
Specification ......
Specification ......
Specification ......
Specification ......
Notes
Notes
Notes
Notes
Notes
1.
V
DD = 3.3V
2.
V
DD = 5.0V
3.
With adherence to Signal-to-Voice and Signal-to Noise specifications.
4.
With Input Amp gain setting: 15.5dB
MIN/18.0dBMAX.
5.
Common Mode SPM and balanced voice signal.
6.
Immune to false responses.
7.
Immune to false de-responses
8.
With SPM and voice signal amplitudes balanced; To avoid false de-responses due to saturation, the
peak-to-peak voice+noise level at the output of the Input Amp (12/16kHz Filter Input) should be no
greater than the dynamic range of the device.
9.
Maximum voice frequencies = 3.4kHz
10.
Response, De-Response and Power-up Response Timing.
SIGNAL INPUT
TONE
NOTONE
RESPONSE
DELAY
DERESPONSE
DELAY
SIGNAL INPUT ......
TONE FOLLOWER OUTPUT
PACKET MODE OUTPUT ......
TONE FOLLOWER OUTPUT ......
PACKET MODE OUTPUT
Fig.7 Examples of Input and Output Relationships
System Timing
System Timing
System Timing
System Timing
System Timing
12.00kHz
11.82kHz
11.52kHz
F
0
-4%
F
0
+4%
F
0
-1.5%
F
0
+1.5%
F
0
12.18kHz
12.48kHz
16.00kHz
15.76kHz
15.36kHz
F
0
-4%
F
0
+4%
F
0
-1.5%
F
0
+1.5%
F
0
16.24kHz
16.64kHz
Fig.6 Will/Will-Not Decode Frequencies
Application Inf
Application Inf
Application Inf
Application Inf
Application Information ......
ormation ......
ormation ......
ormation ......
ormation ......



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com