Electronic Components Datasheet Search
  English  ▼

X  

2SA2097 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA2097
Description  High-Speed Swtching Applications DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2097 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA2097 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2097
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2097
High-Speed Swtching Applications
DC-DC Converter Applications
• High DC current gain: hFE = 200 to 500 (IC = −0.5 A)
• Low collector-emitter saturation: VCE (sat) = −0.27 V (max)
• High-speed switching: tf = 55 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
DC
IC
−5
Collector current
Pulse
ICP
−10
A
Base current
IB
−0.5
A
Ta
= 25°C
1
Collector power
dissipation
Tc
= 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SA2097

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2097 TOSHIBA-2SA2097 Datasheet
123Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
logo
Inchange Semiconductor ...
2SA2097 ISC-2SA2097 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA2097 TOSHIBA-2SA2097 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SA2097

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2097 TOSHIBA-2SA2097 Datasheet
123Kb / 5P
High-Speed Swtching Applications DC-DC Converter Applications
2SA2056 TOSHIBA-2SA2056_06 Datasheet
156Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
High Speed Switching Applications DC-DC Converter Applications
2SC6133 TOSHIBA-2SC6133 Datasheet
146Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications
2SC6134 TOSHIBA-2SC6134 Datasheet
150Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5886 TOSHIBA-2SC5886 Datasheet
116Kb / 5P
High-Speed Swtching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com