Electronic Components Datasheet Search
  English  ▼

X  

2SA2097 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA2097
Description  High-Speed Swtching Applications DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2097 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA2097 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2097 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2097
2006-11-09
3
−0.001
−0.01
−0.01
−0.1
−1
−10
−0.1
−1
−30
−10
−3
−5
−0.3
−0.5
−0.03
−0.05
−0.003
−0.03
−0.3
−3
Common emitter
IC/IB = 30
Tc
= −55°C
100°C
25°C
Collector-emitter voltage VCE
(V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Base current IB (A)
VCE – IB
−0.001
−0.001
−0.01
−0.1
−1
−10
−0.01
−0.1
−3
−1
−0.3
−0.5
−0.03
−0.05
−0.003
−0.005
−0.003
−0.03
−0.3
−3
Common emitter
IC/IB = 30
Tc
= 100°C
−55°C
25°C
0
0
−0.5
−1
−1.5
−1
−2
Common emitter
VCE = −2 V
−55°C
Tc
= 100°C
25°C
0
0
0
−2
−4
−6
−8
−2
−4
−6
Common emitter
Tc
= 25°C
−2 mA
IB = −1 mA
−70 mA
−50 mA
−30 mA
−60 mA
−40 mA
−20 mA
−10 mA
−5 mA
−0.001
−0.01
−0.01
−0.1
−1
−3
−0.03
−0.1
−10
−1
−0.05
−0.3
−0.5
−3
−5
−0.3
−0.003
−0.03
Common emitter
Tc
= 25°C
IC = −2.5 A
−1 A
−2 A
−0.001
1
−0.01
−0.1
−1
−10
10
100
3000
1000
300
500
30
50
3
5
−0.003
−0.03
−0.3
−3
Common emitter
VCE = −2 V
Tc
= 100°C
−55°C
25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com