Electronic Components Datasheet Search
  English  ▼

X  

FX919AD2 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 2Page - CML Microcircuits FX919AD2 Datasheet HTML 3Page - CML Microcircuits FX919AD2 Datasheet HTML 4Page - CML Microcircuits FX919AD2 Datasheet HTML 5Page - CML Microcircuits FX919AD2 Datasheet HTML 6Page - CML Microcircuits FX919AD2 Datasheet HTML 7Page - CML Microcircuits FX919AD2 Datasheet HTML 8Page - CML Microcircuits FX919AD2 Datasheet HTML 9Page - CML Microcircuits FX919AD2 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
6
D/919A/4
1.4
External Components
Figure 2 Recommended External Components
R1
See Section 1.5.1
C1
0.1 µF
± 20%
C5
± 5%, see Note 3
R2
100k ohm
± 5%
C2
0.1 µF
± 20%
C6
± 20%, see Note 2
R3
1M ohm
± 20%
C3
± 20%, see Note 1
C7
± 20%, see Note 2
R4
100k ohm
± 5%
C4
± 20%, see Note 1
C8
± 5%, see Note 3
X1
See Section 1.5.5.3
Note 1: The values used for C3 and C4 should be suitable for the frequency of the crystal X1.
As a guide, values (including stray capacitances) of 33pF at 1MHz falling to 18pF at 10MHz will
generally prove suitable. The 'Phase-Locked Loop Modes' part of section 1.5.5.3 discusses crystal
frequency tolerances.
Note 2: C6 and C7 values (in nano Farads) should be equal to 50000
÷ symbol rate, e.g.
Symbol Rate
C6/C7 (nF)
2400 symbols/second
22.0
4800 symbols/second
10.0
9600 symbols/second
4.7
Note 3: C5 and C8 values (in pico Farads) should be equal to 750000
÷ symbol rate, e.g.
Symbol Rate
C5/C8 (pF)
2400 symbols/second
330
4800 symbols/second
150
9600 symbols/second
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com