Electronic Components Datasheet Search
  English  ▼

X  

FX919AD2 Datasheet(PDF) 19 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 15Page - CML Microcircuits FX919AD2 Datasheet HTML 16Page - CML Microcircuits FX919AD2 Datasheet HTML 17Page - CML Microcircuits FX919AD2 Datasheet HTML 18Page - CML Microcircuits FX919AD2 Datasheet HTML 19Page - CML Microcircuits FX919AD2 Datasheet HTML 20Page - CML Microcircuits FX919AD2 Datasheet HTML 21Page - CML Microcircuits FX919AD2 Datasheet HTML 22Page - CML Microcircuits FX919AD2 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
19
D/919A/4
TIB: Transmit Intermediate Block
This task takes 12 bytes of data from the Data Block Buffer, updates the 4-byte CRC2 checksum for inclusion
in the 'Last' block, translates the 12 data bytes to 4-level symbols (with FEC), interleaves the symbols and
transmits the result as a formatted 'Intermediate' Block.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
TLB: Transmit Last Block
This task takes 8 bytes of data from the Data Block Buffer, updates and appends the 4-byte CRC2 checksum,
translates the resulting 12 bytes to 4-level symbols (with FEC), interleaves the symbols and transmits the result
as a formatted 'Last' Block.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
T4S: Transmit 4 Symbols
This command is similar to T24S but takes only one byte from the Data Block Buffer, transmitting it as four 4-
level symbols.
RESET: Stop any current action
This 'task' takes effect immediately, and terminates any current action (task, AQSC or AQLEV) the modem may
be performing and sets the BFREE bit of the Status Register to '1', without setting the IRQ bit. It should be used
when VDD is applied, to set the modem into a known state.
Note that due to delays in the transmit filter, it will take several symbol times for any change to appear at the
TXOP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com