Electronic Components Datasheet Search
  English  ▼

X  

AH1801 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH1801
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1801 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH1801 Datasheet HTML 1Page - Diodes Incorporated AH1801 Datasheet HTML 2Page - Diodes Incorporated AH1801 Datasheet HTML 3Page - Diodes Incorporated AH1801 Datasheet HTML 4Page - Diodes Incorporated AH1801 Datasheet HTML 5Page - Diodes Incorporated AH1801 Datasheet HTML 6Page - Diodes Incorporated AH1801 Datasheet HTML 7Page - Diodes Incorporated AH1801 Datasheet HTML 8Page - Diodes Incorporated AH1801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1801 Rev. 7
5 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
Vout
Output On Voltage
Iout = 1mA
-
0.1
0.3
V
Ioff
Output Leakage Current
Vout = 5.5V, Output off
-
<
0.1
1
µA
Idd(en)
Supply Current
Chip enable, TA = 25
°C, Vdd = 3V
-
3
6
mA
Chip enable, TA = -40~85
°C,
Vdd = 2.5~5.5V
-
3
9
mA
Idd(dis)
Chip disable, TA = 25
°C, Vdd = 3V
-
5
10
µA
Chip disable, TA = -40~85
°C,
Vdd = 2.5~5.5V
-
5
18
µA
Idd(avg)
Average supply current,
TA = 25
°C, Vdd = 3V
-
8
16
µA
Average supply current,
TA = -40~85
°C, Vdd = 2.5~5.5V
-
8
27
µA
Tawake
Awake Time
(Note 5)
-
75
150
µs
Tperiod
Period
(Note 5)
-
75
150
ms
D.C.
Duty Cycle
-
0.1
-
%
Notes:
5. When power is initially on, the operating Vdd (2.5V to 5.5V) must be applied to be guaranteed for the output sampling. The output state is
valid after the second operating phase (typical 150ms).
Idd (dis)
Idd(en)
Tawake
Tperiod
0
Sample and output
latched
Electrical Characteristics
(TA = +25°C, Vdd = 3V; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com