Electronic Components Datasheet Search
  English  ▼

X  

AH1801 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1801
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1801 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1801 Datasheet HTML 1Page - Diodes Incorporated AH1801 Datasheet HTML 2Page - Diodes Incorporated AH1801 Datasheet HTML 3Page - Diodes Incorporated AH1801 Datasheet HTML 4Page - Diodes Incorporated AH1801 Datasheet HTML 5Page - Diodes Incorporated AH1801 Datasheet HTML 6Page - Diodes Incorporated AH1801 Datasheet HTML 7Page - Diodes Incorporated AH1801 Datasheet HTML 8Page - Diodes Incorporated AH1801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1801 Rev. 7
1 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Micropower operation
•
Operation with North or South Pole
•
2.5V to 5.5V battery operation
•
Inverted Output-on without Magnet present
•
Chopper stabilized
• Superior temperature stability
• Extremely Low Switch-Point Drift
• Insensitive to Physical Stress
•
Good RF noise immunity
•
-40
°C to 85°C operating temperature
•
Low profile 3 pin SC59 (commonly known as SOT23 in
Asia) and DFN2020-3, DFN2020-6 package
•
ESD (HBM) > 5KV for DFN2020-3 and DFN2020-6
> 6KV for SC59
•
SC59, DFN2020-3 and DFN2020-6: Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
AH1801 is a Micropower, Ultra-sensitive Hall Effect Switch, which
is with two Hall effect plates and a output driver, mainly designed
for battery–operation, hand-held equipment (such as Cellular and
Cordless Phone, PDA). The total operation power is down to
24uW in the 3V supply.
Either north or south pole of sufficient strength will turn the output
off. The output will be turned on under no magnetic field.
While the magnetic flux density (B) is larger than operate point
(Bop), the output will be turned off, the output is held until B is
lower than release point (Brp), then turned on.
Applications
•
Cellular phone
•
PDA
•
Cordless phone
Ordering Information
AH1801 - XX G - 7
Packing
7 : Tape & Reel
Package
Green
W : SC59
SN : DFN2020-6
G : Green
FJ : DFN2020-3
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AH1801-WG-7
W
SC59
3000/Tape & Reel
-7
AH1801-FJG-7
FJ
DFN2020-3
3000/Tape & Reel
-7
AH1801-SNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description


Similar Part No. - AH1801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
More results

Similar Description - AH1801

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1887 DIODES-AH1887 Datasheet
179Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31313 Rev. 4 - 2
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com