Electronic Components Datasheet Search
  English  ▼

X  

AH1887 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1887
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1887 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1887 Datasheet HTML 1Page - Diodes Incorporated AH1887 Datasheet HTML 2Page - Diodes Incorporated AH1887 Datasheet HTML 3Page - Diodes Incorporated AH1887 Datasheet HTML 4Page - Diodes Incorporated AH1887 Datasheet HTML 5Page - Diodes Incorporated AH1887 Datasheet HTML 6Page - Diodes Incorporated AH1887 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH1887
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1887
Document number: DS31313 Rev. 4 - 2
1 of 7
www.diodes.com
August 2010
© Diodes Incorporated
Description
AH1887 is with two Hall effect plates and dual CMOS output
driver, mainly designed for battery–powered, hand-held
equipment (such as Cellular and Cordless Phone, PDA). The
total operation power is down to 15uW in the 1.8V supply.
Either north or south pole of sufficient strength will turn the
output on. The output will be turned off under no magnetic
field.
While the magnetic flux density (B) is larger than operate
point Bop(s), the output1 will be turned on (low), the output is
held until B is lower than release point Brp(s), then turned off
(high).
While the magnetic flux density (B) is larger than operate
point Bop(n), the output2 will be turned on (low), the output is
held until B is lower than release point Brp(n), then turned off
(high).
Pin Assignments
5
4
3
2
1
SOT553
GND
Out 1
NC
Out 2
Vdd
( Top View )
Features
•
Micropower operation
•
Operation with North or South Pole
•
1.65V to 3.3V battery operation
•
Chopper stabilized
•
Superior temperature stability
•
Extremely Low Switch-Point Drift
•
Insensitive to Physical Stress
•
Good RF noise immunity
•
-40
°C to 85°C operating temperature
•
ESD > 4KV in human body mode
•
Package: SOT553
•
“Green” Molding Compound
Applications
•
Cellular phone
•
PDA
•
Cordless phone
Typical Application Circuit
AH1887
Vdd
Output 1
GND
Output 2


Similar Part No. - AH1887

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AH1880619 PANASONIC-AH1880619 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH18809 PANASONIC-AH18809 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH1882619 PANASONIC-AH1882619 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
AH18829 PANASONIC-AH18829 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results

Similar Description - AH1887

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com