Electronic Components Datasheet Search
  English  ▼

X  

AH1887 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1887
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1887 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1887 Datasheet HTML 1Page - Diodes Incorporated AH1887 Datasheet HTML 2Page - Diodes Incorporated AH1887 Datasheet HTML 3Page - Diodes Incorporated AH1887 Datasheet HTML 4Page - Diodes Incorporated AH1887 Datasheet HTML 5Page - Diodes Incorporated AH1887 Datasheet HTML 6Page - Diodes Incorporated AH1887 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AH1887
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1887
Document number: DS31313 Rev. 4 - 2
4 of 7
www.diodes.com
August 2010
© Diodes Incorporated
Typical Operating Characteristics
Switching Point
AH1887 Hysteresis vs. Temperature
(Vdd=1.8V)
-40
-30
-20
-10
0
10
20
30
40
-50
-25
0
25
50
75
100
Temperature (℃)
Gauss(G)
Bops
BrpS
Bopn
Brpn
Bhys_s
Bhys_n
AH1887 Hysteresis vs. Vdd @ (TA=25 Degree C)
-40
-30
-20
-10
0
10
20
30
40
1.82.3
2.83.3
Vdd(V)
Gauss(G)
Bops
Brps
Bopn
Brpn
Bhys_s
Bhys_n
Supply Current
AH1887 Idd(avg.) vs. Temperature
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
Temperature (℃)
Idd(avg.)
unit: uA
1.8V
2.5V
AH1887 Idd(avg.) vs. Vdd (TA=25 Degree C)
0
2
4
6
8
10
12
14
1.8
2.3
2.8
3.3
Vdd(V)
Idd(avg.)
unit: uA
Idd(avg.) unit: uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com