Electronic Components Datasheet Search
  English  ▼

X  

AH5771 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH5771
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5771 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH5771 Datasheet HTML 1Page - Diodes Incorporated AH5771 Datasheet HTML 2Page - Diodes Incorporated AH5771 Datasheet HTML 3Page - Diodes Incorporated AH5771 Datasheet HTML 4Page - Diodes Incorporated AH5771 Datasheet HTML 5Page - Diodes Incorporated AH5771 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH5771
SINGLE PHASE HALL EFFECT LATCH SMART FAN
MOTOR CONTROLLER
AH5771 Rev. 3
1 of 6
JUNE 2009
DS31656
www.diodes.com
© Diodes Incorporated
•
Support single-phase full wave min fan driver
•
Built-in Hall sensor input amplifier
•
Low voltage startup ( Vdd=2.5V )
•
Lock detection and automatic self-restart
•
Without external timing capacitor, Reduces the
numbers of external component required
•
Low profile package : SIP-4L
•
SIP-4L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
AH5771 is the integrated Hall sensor with output drivers designed
for electrical commutation of brush-less DC motor application.
The device is as follows: one-chip Hall voltage generator for
magnetic sensing; the error amplifier that amplifies the Hall
voltage; a comparator is to provide switching hysteresis for noise
rejection; the full bridge driver for sinking and driving current load.
Internal band gap regulator is used to provide temperature
compensated bias for internal circuits and allows a wide
operating supply voltage range. The device includes features
such as Rotor Lock Protection with rotor lock detection and
automatic self-restart to avoid damage to the coil when the rotor
is blocked. AH5771 is rated for operation over-temperature range
from -40
℃ to 100℃ and voltage range from 2.5V to 15V. The
device is available in low profile package SIP-4L.
V dd
O1
O2
POWER
VSS
D2
C
AH5771
D1
Note: D2 (Zenor Diode) and Capacitor C are for power stabilization, D2 is recommended to be 18Vz (option),
C is recommended to 0.1uF ~1uF (E-Cap). D1 (reverse Diode) is for reverse voltage protection.
Features
General Description
Typical Application Circuit


Similar Part No. - AH5771

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5772 DIODES-AH5772 Datasheet
545Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
AH5772-P-B DIODES-AH5772-P-B Datasheet
545Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
AH5773 DIODES-AH5773 Datasheet
869Kb / 17P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 2
AH5773-FDC-7 DIODES-AH5773-FDC-7 Datasheet
869Kb / 17P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 2
AH5775 DIODES-AH5775 Datasheet
871Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
More results

Similar Description - AH5771

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5798 DIODES-AH5798 Datasheet
133Kb / 9P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5798 Rev. 1
AH5798_1002 DIODES-AH5798_1002 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS32001 Rev. 2 - 2
AH5792 DIODES-AH5792_10 Datasheet
209Kb / 10P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS314641 Rev. 6 - 2
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH5795 DIODES-AH5795 Datasheet
216Kb / 13P
SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
Rev 1
AH5794 DIODES-AH5794 Datasheet
228Kb / 13P
SINGLE PHASE HALL EFFECT LATCH FAN MOTOR DRIVER
Rev 1
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7120 MPOWER-MA7120 Datasheet
120Kb / 2P
Single Phase Hall Effect Smart Fan Driver
Rev.0.1
MA7121 MPOWER-MA7121 Datasheet
104Kb / 2P
Single Phase Hall Effect Smart Fan Driver
Rev.0.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com