Electronic Components Datasheet Search
  English  ▼

X  

AH5771 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH5771
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5771 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH5771 Datasheet HTML 1Page - Diodes Incorporated AH5771 Datasheet HTML 2Page - Diodes Incorporated AH5771 Datasheet HTML 3Page - Diodes Incorporated AH5771 Datasheet HTML 4Page - Diodes Incorporated AH5771 Datasheet HTML 5Page - Diodes Incorporated AH5771 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AH5771
SINGLE PHASE HALL EFFECT LATCH SMART FAN
MOTOR CONTROLLER
AH5771 Rev. 3
4 of 6
JUNE 2009
DS31656
www.diodes.com
© Diodes Incorporated
Magnetic Characteristics
(TA=25
°C, Vdd=2.5V~15V)
(1mT = 10 G)
Symbol
Characteristic
Min
Typ.
Max
Unit
Bop
Operate Point
-10
30
50
G
Brp
Release Point
-50
-30
-10
G
Bhy
Hysteresis
-
60
-
G
Performance Characteristics
TA (°C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (°C)
105
110
115
120
125
130
135
140
150
PD (mW)
198
176
154
132
110
88
66
44
0
P ow e r D is s ipa tion C urve
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 55 07 5
1 0 0
1 2 5
1 5 0
T A (°C )
P D (m W )
Marking Information
5771
Part Number
( Top View )
Y WW X
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "
52" represents
52 and 53 week
SIP-4L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com