Electronic Components Datasheet Search
  English  ▼

X  

AP130 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP130_10 Datasheet HTML 1Page - Diodes Incorporated AP130_10 Datasheet HTML 2Page - Diodes Incorporated AP130_10 Datasheet HTML 3Page - Diodes Incorporated AP130_10 Datasheet HTML 4Page - Diodes Incorporated AP130_10 Datasheet HTML 5Page - Diodes Incorporated AP130_10 Datasheet HTML 6Page - Diodes Incorporated AP130_10 Datasheet HTML 7Page - Diodes Incorporated AP130_10 Datasheet HTML 8Page - Diodes Incorporated AP130_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 7 - 2
1 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Features
•
Input Voltage Range: 2.7V to 5.5V
•
Dropout Voltage 400mV at 300mA Output Current
•
Guaranteed 300mA Output Current
•
Internal RON = 1.5
Ω PMOS Draws No Base Current
•
Low Quiescent Current 50µA
•
Output Voltage: 1.5V/1.8V/2.0V/2.5V/2.8V/3.0V/
•
3.3V/3.5; Accuracy 2%
•
Fast Transient Response
•
Good Load Regulation
•
Current Limit and Thermal Shutdown Protection
•
Short Circuit Current Fold-Back
•
Lead Free Packages: SC59, SC59R, SOT89-3L, and
SOT89R-3L
•
SC59, SC59R, SOT23, SOT89-3L, and SOT89R-3L
: Available in “Green” Molding Compound (No Br, Sb)
(Note 9)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Description
The AP130 is a 300mA, fixed output voltage, low dropout
linear regulator. The device includes pass element, error
amplifier, band-gap, current-limit and thermal shutdown
circuitry. The characteristics of low dropout voltage and less
quiescent current make it good for some critical current
application, for example, some battery powered devices.
The typical quiescent current is approximately 50µA from
zero to maximum load. Due to internal flexible design,
results in extensively fixed output voltage versions and
make it convenient to use for applications. Built-in current-
limit and thermal-shutdown functions prevent any fault
condition from IC damage.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Applications
•
Battery Powered Device
•
CD-ROM, DVD, and LAN Card
•
PC Peripheral
•
Wireless Communication
Typical Application Circuit
IN
OUT
GND
IN
C
V
IN
OUT
C
OUT
V
AP130
1uF
10uF


Similar Part No. - AP130_10

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP130N10F APME-AP130N10F Datasheet
1Mb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP130N10HP APME-AP130N10HP Datasheet
881Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP130N10HPT APME-AP130N10HPT Datasheet
881Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP130N10HT APME-AP130N10HT Datasheet
881Kb / 8P
100V N-Channel Enhancement Mode MOSFET
REV1.0
AP130N10P APME-AP130N10P Datasheet
1Mb / 9P
100V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP130_10

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com