Electronic Components Datasheet Search
  English  ▼

X  

AP130 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP130_10 Datasheet HTML 1Page - Diodes Incorporated AP130_10 Datasheet HTML 2Page - Diodes Incorporated AP130_10 Datasheet HTML 3Page - Diodes Incorporated AP130_10 Datasheet HTML 4Page - Diodes Incorporated AP130_10 Datasheet HTML 5Page - Diodes Incorporated AP130_10 Datasheet HTML 6Page - Diodes Incorporated AP130_10 Datasheet HTML 7Page - Diodes Incorporated AP130_10 Datasheet HTML 8Page - Diodes Incorporated AP130_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 7 - 2
4 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics
TA = 25ºC, CIN = 1µF, COUT = 10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VDROP
Dropout Voltage (Note 2)
IL = 300mA
-
400
500
mV
ILIMIT
Current Limit (Note 3)
VIN = 5V, VOUT = 0V
350
450
-
mA
Ishort
Short Circuit Current
VOUT < 1.05V
-
150
300
mA
ΔV
LINE
Line Regulation
IOUT = 1mA,
VIN = (VOUT+1V) to 5.5V
-
0.1
0.3
%/V
PSRR
Ripple Rejection
F = 100Hz,
CIN = 1μF, CO = 10uF,
IL = 100mA
-
58
-
dB
ΔV
LOAD
Load Regulation (Note 4)
IL = 1~300mA, VIN = 5V
-
30
40
mV
ΔV
OUT
Output Voltage Accuracy
IL = 1mA, VIN = 5V
-2
-
+2
%
Output Voltage Temperature
Coefficient (Note 5)
-
50
150
PPM/ºC
IQ
Quiescent Current
IL = 0mA, VIN = 5V
-
50
100
μA
θ
JA
Thermal Resistance Junction-to-
Ambient
SC59/SC59R (Note 6)
-
250
-
ºC/W
SOT23 (Note 7)
-
200
-
SOT89-3L/SOT89R-3L
(Note 8)
-
100
-
θ
JC
Thermal Resistance Junction-to-
Case
SC59/SC59R (Note 6)
-
79
-
ºC/W
SOT23 (Note 7)
-
43
-
SOT89-3L/SOT89R-3L
(Note 8)
-
23
-
Notes:
2. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed on time,
and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
3. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
4. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
5. Guaranteed by design.
6. Test condition for SC59/SC59R: Devices mounted on FR-4 PC board, 1
*MRP, 2oz copper, single sided, calibrate at T
J=125ºC, TA=25ºC, with
minimum recommended pad layout.
7. Test condition for SOT23: Devices mounted on FR-4 PC board, 1
*MRP, calibrate at T
J=85ºC, TA=29ºC.
8. Test condition for SOT89-3L/SOT89R-3L: No Heat Sink, no air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com