Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP78L12
Description  AP78LXX SERIES 3-TERMINAL POSITIVE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated AP78L12 Datasheet HTML 10Page - Diodes Incorporated AP78L12 Datasheet HTML 11Page - Diodes Incorporated AP78L12 Datasheet HTML 12Page - Diodes Incorporated AP78L12 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE
REGULATORS
AP78L05/08/12 Rev. 9
9 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
For AP78L08
0
50
100
150
200
250
300
10
14
18
22
26
30
INPUT-OUTPUT DIFFERENTIAL(V)
TA=-25℃
TA=25℃
TA=125℃
Peak Output Current
△VOUT=100mV
2.62
2.67
2.71
2.75
2.80
10
15
20
25
30
INPUT VOLTAGE(V)
VOUT=8V
IOUT=40mA
TA=25℃
Quiescent Current
Quiescent Current
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(℃)
VIN=14V
VOUT=8V
IOUT=40mA
0.0
0.5
1.0
1.5
2.0
2.5
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(
℃)
I
OUT=1m
I
OUT=40m A
I
OUT=70m A
DROPUT CONDITIONS
△VOUT=2%of VOUT
Droput Voltage
0.0
0.5
1.0
1.5
2.0
2.5
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(
℃)
I
OUT=1m A
I
OUT=40m A
I
OUT=70m A
DROPUT CONDITIONS
△VOUT=2%of VOUT
Droput Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com