Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP78L12
Description  AP78LXX SERIES 3-TERMINAL POSITIVE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated AP78L12 Datasheet HTML 10Page - Diodes Incorporated AP78L12 Datasheet HTML 11Page - Diodes Incorporated AP78L12 Datasheet HTML 12Page - Diodes Incorporated AP78L12 Datasheet HTML 13Page - Diodes Incorporated AP78L12 Datasheet HTML 14Page - Diodes Incorporated AP78L12 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE
REGULATORS
AP78L05/08/12 Rev. 9
11 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP78LXX
C1
★
0.33µF
Fixed Output regulator
Input
Output
C2
★★
0.1µF
OUT
IN
GND
★:Required if the regulator is located more than 3" from the power supply filter.
★★:See (Note 5) in the electrical characteristics table.
Functional Description
Introduction
The AP78LXX series is a three terminal device with fixed output voltages from 5V,8V and 12V. The AP78LXX fixed voltage regulator
series has built-in thermal overload protection which prevents the device from being damaged due to excessive junction temperature.
The regulator also contains internal short-circuit protection which limits the maximum output current, and safe-area protection for the
pass transistor which reduces the short-circuit current as the voltage across the pass transistor is increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com