Electronic Components Datasheet Search
  English  ▼

X  

AP133 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP133
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP133_09 Datasheet HTML 1Page - Diodes Incorporated AP133_09 Datasheet HTML 2Page - Diodes Incorporated AP133_09 Datasheet HTML 3Page - Diodes Incorporated AP133_09 Datasheet HTML 4Page - Diodes Incorporated AP133_09 Datasheet HTML 5Page - Diodes Incorporated AP133_09 Datasheet HTML 6Page - Diodes Incorporated AP133_09 Datasheet HTML 7Page - Diodes Incorporated AP133_09 Datasheet HTML 8Page - Diodes Incorporated AP133_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 6
5 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, V
IN = VOUT +1V, CIN = 1uF, COUT = 1uF, VEN = 2V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min Typ. Max
Unit
IQ
Input Quiescent Current
IOUT = 0~300mA
⎯
40
60
uA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0
⎯
1
uA
ILEAK
Input Leakage Current
VEN = 0V, OUT grounded
⎯
1
uA
VDropout Dropout Voltage
VOUT ≥ 1.5V, IOUT = 300mA
350
450
mV
VREF
ADJ reference voltage
IOUT= 0
0.8
V
IADJ
ADJ leakage
⎯
1
uA
VOUT
Output Voltage Accuracy
-2
2
%
ΔV
OUT
/
ΔV
IN/V
Line Regulation
VIN = VOUT +1V to 5.5V,
IOUT = 1mA
0.05
%/V
ΔV
OUT
/VOUT
Load Regulation
IOUT from 1mA to 300mA
-1
1
%
tST
Start-up Time
VEN = 0V to 2.0V,
IOUT = 300mA
25
us
PSRR
PSRR
1kHz, IOUT = 0mA
65
dB
ISHORT
Short-circuit Current
VIN = 5.0V, VOUT < 0.2V
120
mA
ILIMIT
Current limit
VOUT = 3V, ROUT = 3Ω
400
600
mA
VIL
EN Input Logic Low Voltage
0.4
V
VIH
EN Input Logic High Voltage
1.4
V
IEN
EN Input leakage
VEN = 0V or 5.5V
-1
1
uA
TSHDN
Thermal shutdown threshold
145
°C
THYS
Thermal shutdown hysteresis
20
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT25
Device mounted on FR-4
substrate, 2oz copper, with
minimum recommended pad
layout.
176
oC/W
DFN2020-6
142
θ
JC
Thermal Resistance
Junction-to-Case
SOT25
41
oC/W
DFN2020-6
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com