Electronic Components Datasheet Search
  English  ▼

X  

AP133 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP133
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP133_09 Datasheet HTML 2Page - Diodes Incorporated AP133_09 Datasheet HTML 3Page - Diodes Incorporated AP133_09 Datasheet HTML 4Page - Diodes Incorporated AP133_09 Datasheet HTML 5Page - Diodes Incorporated AP133_09 Datasheet HTML 6Page - Diodes Incorporated AP133_09 Datasheet HTML 7Page - Diodes Incorporated AP133_09 Datasheet HTML 8Page - Diodes Incorporated AP133_09 Datasheet HTML 9Page - Diodes Incorporated AP133_09 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 6
6 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Output Voltage vs. Temperature
3.2900
3.2950
3.3000
3.3050
3.3100
-50.0
-25.0
0.0
25.0
50.0
75.0
100.0
125.0
Temperature (°C)
VIN=5V, Vout=3.3V
Output Voltage vs. Temperature
1.8000
1.8050
1.8100
1.8150
1.8200
-50.0
-25.0
0.0
25.0
50.0
75.0
100.0
125.0
Temperature (°C)
VIN=3.3V, Vout=1.8V
Output Voltage vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01.02.03.04.05.06.0
Input Voltage (V)
IOUT=0mA
IOUT=150mA
Quiescent Current vs. Input Voltage
30
35
40
45
50
55
60
2.0
3.0
4.0
5.0
6.0
Input Voltage (V)
IOUT=0mA
IOUT=300mA
Quiescent Current vs. IOUT
30.00
35.00
40.00
45.00
50.00
55.00
60.00
0.00
50.00
100.00
150.00
200.00
250.00
300.00
IOUT (mA)
Vin=3.3V
Vin=5V
Quiescent Current vs. Temperature
30
35
40
45
50
-50.0
-25.0
0.0
25.0
50.0
75.0
100.0
125.0
Temperature (°C)
VOUT=1.2V VIN=3.3V
VOUT=3.3V VIN=5.0V
VOUT=2.8V
VOUT=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com