Electronic Components Datasheet Search
  English  ▼

X  

AP139 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP139
Description  300mA LOW-NOISE CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP139_09 Datasheet HTML 1Page - Diodes Incorporated AP139_09 Datasheet HTML 2Page - Diodes Incorporated AP139_09 Datasheet HTML 3Page - Diodes Incorporated AP139_09 Datasheet HTML 4Page - Diodes Incorporated AP139_09 Datasheet HTML 5Page - Diodes Incorporated AP139_09 Datasheet HTML 6Page - Diodes Incorporated AP139_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
1 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
•
Very Low Dropout Voltage
•
Low Current Consumption: Typ. 45
μA, max. 60uA
•
Output Voltage: 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V
3.3V, and 3.5V
•
Guaranteed 300mA Output
•
Input Range from 2.7 up to 5.5V
•
Thermal Shutdown
•
Current Limiting
•
Stability with Low ESR Capacitors
•
Low Temperature Coefficient
•
Lead Free Package: SOT25
•
SOT25: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP139 is a positive voltage linear regulator utilizing CMOS
technology. The features that include low quiescent current
(45
μA typ.), low dropout voltage, and high output voltage
accuracy, make it ideal for battery applications. EN input
connected to the device will produce a low bias current.
The space-saving SOT25 package is attractive for “pocket” and
“hand held” applications.
This rugged device has both thermal shutdown, and current limit
protections to prevent device failure under the “worst” operating
conditions.
In a low noise, regulated supply application, a 10nF capacitor is
necessary to be placed in between Bypass and Ground.
The AP139 is stable with a low ESR output capacitor of 1.0
μF or
greater.
•
Personal Communication Devices
•
Home Electric/Electronic Appliances
•
PC Peripherals
•
Battery-Powered Devices
Output Voltage
Package
Packing
W : SOT25
Lead Free
G : Green
7 : Tape & Reel
L : Lead Free
AP139 - XX W X - 7
15:1.5V
18:1.8V
20:2.0V
25:2.5V
28:2.8V
30:3.0V
33:3.3V
35:3.5V
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP139-XXWL-7
W
SOT25
3000/Tape & Reel
-7
AP139-XXWG-7
W
SOT25
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP139_09

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139-15TW ANACHIP-AP139-15TW Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
AP139-15TWA ANACHIP-AP139-15TWA Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
AP139-15W ANACHIP-AP139-15W Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
AP139-15WA ANACHIP-AP139-15WA Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
logo
Diodes Incorporated
AP139-15WG-7 DIODES-AP139-15WG-7 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
300mA Low-Noise CMOS LDO
Rev. 1.0 Oct 29, 2004
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
300mA Low Noise CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
300mA Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com