Electronic Components Datasheet Search
  English  ▼

X  

AP139 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP139
Description  300mA LOW-NOISE CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP139_09 Datasheet HTML 1Page - Diodes Incorporated AP139_09 Datasheet HTML 2Page - Diodes Incorporated AP139_09 Datasheet HTML 3Page - Diodes Incorporated AP139_09 Datasheet HTML 4Page - Diodes Incorporated AP139_09 Datasheet HTML 5Page - Diodes Incorporated AP139_09 Datasheet HTML 6Page - Diodes Incorporated AP139_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
4 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Application
AP139
BYP
EN
V
OUT
GND
V
IN
C1
1uF
C2
10nF
C3
1uF
IN
OUT
Typical Performance Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
BP = 1nF
BP = 5nF
BP = 10nF
BP = 20nF
Iout = 100mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
BP = 10nF
0
10
20
30
40
50
60
70
80
90
100
3. 5
4
4. 5
5
5. 5
6
V cc V s Q u i es cen t C u r r en t
V cc ( V )
TA = 2 5
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com