Electronic Components Datasheet Search
  English  ▼

X  

LA7577 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA7577
Description  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA7577 Datasheet HTML 8Page - Sanyo Semicon Device LA7577 Datasheet HTML 9Page - Sanyo Semicon Device LA7577 Datasheet HTML 10Page - Sanyo Semicon Device LA7577 Datasheet HTML 11Page - Sanyo Semicon Device LA7577 Datasheet HTML 12Page - Sanyo Semicon Device LA7577 Datasheet HTML 13Page - Sanyo Semicon Device LA7577 Datasheet HTML 14Page - Sanyo Semicon Device LA7577 Datasheet HTML 15Page - Sanyo Semicon Device LA7577 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LA7577N
No. 4037—13/16
Equalization Amplifier (Pins 19 to 21)
The video signal, after passing through the 4.5MHz trap, is
input on pin 19 to the equalization amplifier, and output on
pin 21. A resistor should be connected between the emit-
ter-follower output and ground to ensure adequate output
drive capability. The resistor should be
≥2.7kΩ (V
CC =
12V) or
≥2.2kΩ (V
CC = 9V). A buffer transistor should be
used if the signal is taken off-board.
Equalization amplifier design
The equalization amplifier has an external series resonant
circuit, shown in Figure 24, which controls the frequency
characteristic. The output voltage, Vo, is given by the fol-
lowing equation:
Vo = (R1/Z + 1) (Vi + Vin)
Since the input voltage, Vin, is small, the gain is given
approximately by the following equation:
AV = Vo/Vi = R1/Z + 1
The amplifier can be used as a voltage amplifier by con-
necting a network to pin 20 as shown in Figure 25. The
bleeder resistor should be chosen to avoid excessive gain
and extreme video sync tip voltages.
Figure 24. Equalization amplifier
Figure 25. Voltage amplifier configuration
External bleeder resistor selection
If the equalization amplifier is configured for non-unity
gain, bleeder resistors R2 and R3, shown in Figure 26, are
required to ensure that the output DC voltage does not
change.
The sync tip voltage does not change if VX is approxi-
mately equal to V21. VX is given by the following equa-
tion:
VX = VCC × R2/(R2 + R3)
The voltage gain is given by:
AV = 1 + 1000/Z1
where
Z1 = R2
× R3/(R2 + R3)
and resistors R2 and R3 are given by:
R2 = 1000
× V
CC/[(VCC − VX) × (AV − 1)]
R3 = 1000
× V
CC/[VX × (AV − 1)]
Figure 26. External bleeder resistor circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com