Electronic Components Datasheet Search
  English  ▼

X  

LA7577 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7577
Description  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7577 Datasheet HTML 1Page - Sanyo Semicon Device LA7577 Datasheet HTML 2Page - Sanyo Semicon Device LA7577 Datasheet HTML 3Page - Sanyo Semicon Device LA7577 Datasheet HTML 4Page - Sanyo Semicon Device LA7577 Datasheet HTML 5Page - Sanyo Semicon Device LA7577 Datasheet HTML 6Page - Sanyo Semicon Device LA7577 Datasheet HTML 7Page - Sanyo Semicon Device LA7577 Datasheet HTML 8Page - Sanyo Semicon Device LA7577 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LA7577N
No. 4037—2/16
Recommended Operating Conditions at Ta = 25
°C
Electrical Characteristics at Ta = 25
°C, V
CC = 12V
1. Current flowing into the IC is positive and current flowing out is negative.
Circuit currents1
I1
−1mA
I17
−10
mA
I21
−3mA
I22
−2mA
I10
3mA
Operating temperature range
Topg
VCC = 9V, Ta = −20 to +75°C
−20 to +70
°C
Storage temperature range
Tstg
−55 to +150
°C
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
9 or 12
V
Operating supply voltage range
VCC op
8.2 to 13.2
V
Parameter
Symbol
Conditions
min
typ
max
Unit
[VIF]
Circuit current
I9
V13 = 5V
44
55
68
mA
Quiescent video output voltage
V21
V13 = 5V
6.6
7
7.4
V
Maximum RF AGC voltage
V10H
V13 = 7V
10.6
11
11.4
V
Minimum RF AGC voltage
V10L
V13 = 7V
–
0
0.5
V
Quiescent AFT voltage
V14
V13 = 5V
3.0
5.9
8.0
V
Input sensitivity
Vi
33
39
45
dB/
µV
AGC dynamic range
GR
59
65
–
dB
Maximum allowable input
Vi max
100
105
–
dB/
µV
Video output amplitude
Vo (video)
1.95
2.25
2.55
Vp-p
Output signal-to-noise ratio
S/N
49
55
–
dB
Sync signal tip voltage
V21 (tip)
Vi = 10mV
4.15
4.45
4.75
V
920kHz beat level
l920
P = 0, C =
−4dB, S = −14dB
37
43
–
dB
Frequency characteristic
fC
P = 0, S =
−14dB
6
8
–
MHz
Differential gain
DG
Vi = 10mV, 87.5% mod,
fP = 58.75MHz
–36
%
Differential phase
DP
–
2
5
deg
Maximum AFT voltage
V14H
11
11.5
12
V
Minimum AFT voltage
V14L
0
0.4
1.0
V
White-noise threshold voltage
VWTH
8.9
9.3
9.7
V
White-noise clamp voltage
VWCL
5.3
5.7
6.1
V
Black-noise threshold voltage
VBTH
3.4
3.7
4.0
V
Black-noise clamp voltage
VBCL
5.3
5.7
6.1
V
AFT detector sensitivity
Sf
44
60
84
mV/kHz
VIF-stage input resistance
Ri (VIF)
f = 58.75MHz
0.8
1.3
1.75
k
Ω
VIF-stage input capacitance
Ci (VIF)
f = 58.75MHz
–
3.0
6.0
pF
APC pull-in range (U)
fPU-2
0.6
1.6
–
MHz
APC pull-in range (L)
fPL-2
–
−1.6
−0.8
MHz
VCO maximum variation range
∆f
U
V18 = 3V
0.6
1.6
–
MHz
∆f
L
V18 = 7V
–
−1.6
−0.8
MHz
Parameter
Symbol
Conditions
Ratings
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com