Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP358_10 Datasheet HTML 4Page - Diodes Incorporated AP358_10 Datasheet HTML 5Page - Diodes Incorporated AP358_10 Datasheet HTML 6Page - Diodes Incorporated AP358_10 Datasheet HTML 7Page - Diodes Incorporated AP358_10 Datasheet HTML 8Page - Diodes Incorporated AP358_10 Datasheet HTML 9Page - Diodes Incorporated AP358_10 Datasheet HTML 10Page - Diodes Incorporated AP358_10 Datasheet HTML 11Page - Diodes Incorporated AP358_10 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
8 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
32
V
Differential Input Voltage
32
V
VIN
Input Voltage
-0.3 to +32
V
PD
Power Dissipation (Note 2)
600
mW
Output Short-Circuit to GND
(One Amplifier) (Note 3)
V
+ < 15V and T
A=25
oC
Continuous
Input Current (VIN < -0.3V)
(Note 4)
40
mA
TOP
Operating Temperature Range
0 to +70
oC
TST
Storage Temperature Range
-65 to +150
oC
Notes:
2. For operating at high temperatures, the AP358 must be derated based on a +125°C maximum junction temperature and a
thermal resistance of 120°C/W for DIP and 189°C/W for Small Outline package, which applies for the device soldered in a
printed circuit board, operating in a still air ambient. The dissipation is the total of both amplifiers—use external resistors,
where possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit.
3. Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits
to ground, the maximum output current is approximately 40mA independent of the magnitude of V
+. At values of supply
voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual
destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
4. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the op amps to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was
negative, again returns to a value greater than -0.3V (at 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com