Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP358_10 Datasheet HTML 8Page - Diodes Incorporated AP358_10 Datasheet HTML 9Page - Diodes Incorporated AP358_10 Datasheet HTML 10Page - Diodes Incorporated AP358_10 Datasheet HTML 11Page - Diodes Incorporated AP358_10 Datasheet HTML 12Page - Diodes Incorporated AP358_10 Datasheet HTML 13Page - Diodes Incorporated AP358_10 Datasheet HTML 14Page - Diodes Incorporated AP358_10 Datasheet HTML 15Page - Diodes Incorporated AP358_10 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
15 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package type: SOP- 8L
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°
(2) Package type: PDIP- 8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com