Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 2Page - Diodes Incorporated AP358 Datasheet HTML 3Page - Diodes Incorporated AP358 Datasheet HTML 4Page - Diodes Incorporated AP358 Datasheet HTML 5Page - Diodes Incorporated AP358 Datasheet HTML 6Page - Diodes Incorporated AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
6 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Typical Single-Supply Circuit (Continued) (V
+
=5.0VDC)
Bandpass Active Filter
+
-
1/2 AP358
R1
390K
V
IN
C1
0.01
μF
+
V
O
V+
+
-
1/2 AP358
C2
0.01
μF
C3
10
μF
R2
620K
R3
680
R4
390K
R5
39K
R6
120K
R7
100K
R8
100K
f
O = 1.12KHz
Q = 25
+
-
1/2 AP358
+
-
1/2 AP358
+
-
1/2 AP358
+V
1
+V
2
R1
2K
GAIN ADJUST
R2
100K
R3
100K
R4
100K
R5
100K
R6
100K
R7
100K
V
O
As Shown: V
O
= 101(V
2
-V
1
)
V
O =( 1+
)(V
2-V1)
2R
2
R
1
If R1 = R5 & R3 = R4 = R6 = R7 (CMRR depends on match)
High Input Z Adjustable-Gain
DC Instrumentation Amplifier
+
-
1/2 AP358
+
-
1/2 AP358
+V
IN
+V
O
I
IN
I
B
I
B
I
B
I
B
0.001
μF
I
B
R
1.5M
2R
3M
AUX AMP
INPUT CURRENT
COMPENSATION
Using Symmetrical Amplifiers to Reduce
Input Current (General Concept)
2N929*
*hi
β AT 50 nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com