Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 3Page - Diodes Incorporated AP358 Datasheet HTML 4Page - Diodes Incorporated AP358 Datasheet HTML 5Page - Diodes Incorporated AP358 Datasheet HTML 6Page - Diodes Incorporated AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated AP358 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
7 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Functional Block Diagram
INVERTING INPUT 1
GND
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
INVERTING INPUT 2
NON-INVERTING INPUT 2
1
2
3
4
5
6
7
8
AB
+
-+
-
V +
Voltage Controlled Oscillator (VCO)
+
-
+
-
OUTPUT2
OUTPUT1
0.05
μF
+V
C*
V+/2
1/2 AP358
1/2 AP358
51K
51K
R/2
51K
R
100K
51K
10K
100K
Pin Descriptions
Pin Name
Pin #
Description
OUTPUT 1
1
Channel 1 Output
INVERTING INPUT 1
2
Channel 1 Inverting Input
NON-INVERTING INPUT 1
3
Channel 1 Non-inverting Input
GND
4
Ground
NON-INVERTING INPUT 2
5
Channel 2 Non-inverting Input
INVERTING INPUT 2
6
Channel 2 Inverting Input
OUTPUT 2
7
Channel 2 Output
V
+
8
Chip Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com