Electronic Components Datasheet Search
  English  ▼

X  

AP393A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP393A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP393A Datasheet HTML 5Page - Diodes Incorporated AP393A Datasheet HTML 6Page - Diodes Incorporated AP393A Datasheet HTML 7Page - Diodes Incorporated AP393A Datasheet HTML 8Page - Diodes Incorporated AP393A Datasheet HTML 9Page - Diodes Incorporated AP393A Datasheet HTML 10Page - Diodes Incorporated AP393A Datasheet HTML 11Page - Diodes Incorporated AP393A Datasheet HTML 12Page - Diodes Incorporated AP393A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP393A
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393A Rev. 7
9 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Circuit
(Continued)
( VCC = 5.0VDC )
5.1K
Comparing Input Voltages of
Opposite Polarity
+
-
2N2222
100K
100K
+VIN1
-VIN2
1/2 AP393A
ORing the Outputs
+
-
+
-
3.0K
VO
V
+
1/2 AP393A
1/2 AP393A
Zero Crossing Detector
(Single Power Supply)
5.1K
V
+
+
-
VO
100K
100K
5.1K
5.1K
1N914
VIN
10K
20M
1/2 AP393A
One-Shot Multivibrator
10K
V
+
+
-
VO
1N914
1M
1N914
100pF
0.001µF
1M
1M
+
0
t0
PW
t0
t1
0
V
1ms
1/2 AP393A
Bi-Stable Multivibrator
15K
V
+
+
-
VO
100K
S
100K
100K
51K
R
V
+
0
V
+
0
+15V
0
S
R
1/2 AP393A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com