Electronic Components Datasheet Search
  English  ▼

X  

AP393A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP393A
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP393A Datasheet HTML 1Page - Diodes Incorporated AP393A Datasheet HTML 2Page - Diodes Incorporated AP393A Datasheet HTML 3Page - Diodes Incorporated AP393A Datasheet HTML 4Page - Diodes Incorporated AP393A Datasheet HTML 5Page - Diodes Incorporated AP393A Datasheet HTML 6Page - Diodes Incorporated AP393A Datasheet HTML 7Page - Diodes Incorporated AP393A Datasheet HTML 8Page - Diodes Incorporated AP393A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP393A
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393A Rev. 7
4 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
40
V
VIN
Differential Input Voltage (Note 10)
40
V
VIN
Input Voltage
-0.3 to +40
V
ICC
Input Current (VIN-0.3V) (Note 5)
50
mA
PD
Power Dissipation (Note 3)
MSOP-8L
670
mW
SOP-8L
510
Output Short-Circuit to Ground (Note 4)
Continuous
TOP
Operating Junction Temperature Range
0 to +70
oC
TST
Storage Temperature Range
-65 to +150
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage (Single)
+2
+36
V
VCC
Supply Voltage (Dual Supplies, V
+ VS GND)
±1
±18
V
VIN
Differential Input Voltage (Single) (Note 10)
0
±36
V
VIN
Differential Input Voltage (Dual Supplies) (Note 10)
-18
+18
V
TA
Operating Ambient Temperature
0
70
oC
Electrical Characteristics
( VCC = 5V, TA = 25
oC, unless otherwise stated )
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VOFFSET
Input Offset Voltage
(Note 11)
-
4.0
8.0
mV
IOFFSET
Input Offset Current
IIN(+) - IIN(-) VCM = 0V
-
70
150
nA
IBIAS
Input Bias Current
IIN(+) or IIN(-) with Output In
Linear Range, VCM = 0V
(Note 7)
-
150
400
nA
Input Common Mode Voltage
Range
V
+ = 30V (Note 8)
0
-
V
+ -1.5
V
ICC
Supply Current
RL = ∞
V
+ = 5V
-
0.4
1
mA
V
+ = 36V
-
1
2.5
Voltage Gain
RL ≥ 15kΩ, V
+ = 15V
VO = 1V to 11V
50
200
-
V/mV
Large Signal Response Time
VIN = TTL Logic Swing,
VREF = 1.4V, VRL = 5V,
RL = 5.1kΩ
-
300
-
ns
Response Time
VRL = 5V, RL = 5.1kΩ (Note 9)
-
1.3
-
μs
IO(Sink)
Output Sink Current
VIN(-) = 1V, VIN(+) = 0,
VO ≤ 1.5V
6.0
16
-
mA
VSAT
Saturation Voltage
VIN(-) = 1V, VIN(+) = 0,
ISINK ≤ 4mA
-
250
400
mV
IO(Leak)
Output Leakage Current
VIN(-) = 0, VIN(+) = 1V,
VO = 5V
-
0.1
-
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com