Electronic Components Datasheet Search
  English  ▼

X  

AP1120 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1120
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1120 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1120 Datasheet HTML 1Page - Diodes Incorporated AP1120 Datasheet HTML 2Page - Diodes Incorporated AP1120 Datasheet HTML 3Page - Diodes Incorporated AP1120 Datasheet HTML 4Page - Diodes Incorporated AP1120 Datasheet HTML 5Page - Diodes Incorporated AP1120 Datasheet HTML 6Page - Diodes Incorporated AP1120 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1120
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
2 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignments
GND1
VIN 2
VIN 1
GND 2
1
2
3
4
8
7
6
5
2.5V (1.8V)
3.3V
2.5V (1.8V)
3.3V
SOP-8L
AP1120
( Top View )
Pin Descriptions
Pin Name
Description
GND1/2
Ground
3.3V (Vout1)
The output of the regulator. A minimum of 10uF capacitor (0.15
Ω ≤ ESR ≤ 20Ω) must be
connected from this pin to ground to insure stability.
2.5V/1.8V
(Vout2)
VIN1/2
The input pin of regulator. Typically a large storage capacitor (0.15
Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com