Electronic Components Datasheet Search
  English  ▼

X  

AP1120 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1120
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1120 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1120 Datasheet HTML 1Page - Diodes Incorporated AP1120 Datasheet HTML 2Page - Diodes Incorporated AP1120 Datasheet HTML 3Page - Diodes Incorporated AP1120 Datasheet HTML 4Page - Diodes Incorporated AP1120 Datasheet HTML 5Page - Diodes Incorporated AP1120 Datasheet HTML 6Page - Diodes Incorporated AP1120 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1120
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
3 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
2
Thermal
Shutdown
7,8
Vout 1
1.25V
+
+
CURRENT
LIMIT
Vin 1
+
+
1
GND 1
4
Thermal
Shutdown
5,6
Vout 2
1.25V
+
+
CURRENT
LIMIT
Vin 2
+
+
3
GND 2
Typical Circuit
5V
3.3V/1A
(3.3V/2.5V Dual output )
C2
100uF
Vin1
3.3V
GND1
GND2
Vin2
3.3V
2.5V
2.5V
C1
100uF
C3
100uF
2.5V/1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com