Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1507
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1507_08 Datasheet HTML 1Page - Diodes Incorporated AP1507_08 Datasheet HTML 2Page - Diodes Incorporated AP1507_08 Datasheet HTML 3Page - Diodes Incorporated AP1507_08 Datasheet HTML 4Page - Diodes Incorporated AP1507_08 Datasheet HTML 5Page - Diodes Incorporated AP1507_08 Datasheet HTML 6Page - Diodes Incorporated AP1507_08 Datasheet HTML 7Page - Diodes Incorporated AP1507_08 Datasheet HTML 8Page - Diodes Incorporated AP1507_08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev.
2
5 of 11
FEBRUARY 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
VMin
Typ.
VMax
Unit
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
VOUT Programmed for 3V
1.193
1.18
1.23
1.267
1.28
V
AP1507-ADJ
η
Efficiency
VIN = 12V, ILOAD = 3A
74
%
OUT
V
Output
Voltage
5.5V < VIN < 22V
0.2A < ILOAD < 3A
3.168
3.135
3.3
3.432
3.465
V
AP1507-3.3V
η
Efficiency
VIN = 12V, ILOAD = 3A
75
%
OUT
V
Output
Voltage
8V < VIN < 22V
0.2A < ILOAD < 3A
4.8
4.75
5
5.2
5.25
V
AP1507-5V
η
Efficiency
VIN = 12V, ILOAD = 3A
80
%
OUT
V
Output
Voltage
15V < VIN < 22V
0.2A < ILOAD < 3A
11.52
11.4
12
12.48
12.6
V
AP1507-12V
η
Efficiency
VIN = 16V, ILOAD = 3A
89
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com