Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1507
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1507_08 Datasheet HTML 1Page - Diodes Incorporated AP1507_08 Datasheet HTML 2Page - Diodes Incorporated AP1507_08 Datasheet HTML 3Page - Diodes Incorporated AP1507_08 Datasheet HTML 4Page - Diodes Incorporated AP1507_08 Datasheet HTML 5Page - Diodes Incorporated AP1507_08 Datasheet HTML 6Page - Diodes Incorporated AP1507_08 Datasheet HTML 7Page - Diodes Incorporated AP1507_08 Datasheet HTML 8Page - Diodes Incorporated AP1507_08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev.
2
1 of 11
FEBRUARY 2008
www.diodes.com
© Diodes Incorporated
Lead-free
Features
General Description
The AP1507 is a monolithic IC designed for a step-down DC/DC
converter and is capable of driving a 3A load without an external
transistor. Due to reducing the number of external components,
the board space can be saved easily. The external shutdown
function can be controlled by logic level and then come into
standby mode. The internal compensation makes the feedback
control have good line and load regulation without an external
design. Regarding the protected function, the thermal shutdown
is to prevent over temperature operating from damaging the
device, and current limit is against over current operating of the
output switch. If the current limit function occurred and VFB is
down to 0.5V below, the switching frequency will be reduced. The
AP1507 series operates at a switching frequency of 150KHz thus
allowing smaller sized filter components than what would be
needed with lower frequency switching regulators. Other features
include a guaranteed +4% tolerance on output voltage under
specified input voltage and output load conditions, and +15% on
the oscillator frequency. The output version included a fixed 3.3V,
5V, 12V, and an adjustable type. AP1507 is available in a 5-lead
TO-252 lead-free package.
•
Output Voltage: 3.3V, 5V, 12V and Adjustable Output
Version
•
Adjustable Version Output Voltage Range, 1.23V to
18V+4%
•
150KHz +15% Fixed Switching Frequency
•
Voltage Mode Non-Synchronous PWM Control
•
Thermal-Shutdown and Current-Limit Protection
•
ON/OFF Shutdown Control Input
•
Operating Voltage can be up to 22V
•
Output Load Current: 3A
•
Lead Free Package: TO252-5L
•
Low Power Standby Mode
•
Built-in Switching Transistor On Chip
•
Lead Free Package: TO252-5L
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Simple High-Efficiency Step-Down Regulator
•
On-Card Switching Regulators
•
Positive to Negative Converter
Ordering Information
Package
D5 : TO252-5L
Output Version
AP1507 - XX XX X X
Packing
-U : Tube
-13 : Tape & Reel
Blank : Adjustable
33 : 3.3V
50 : 5.0V
12 : 12V
Lead Free
L : Lead Free
Tube/Bulk
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1507-XXD5
D5
TO252-5L
80
-U
2500/Tape & Reel
-13
Notes:
1. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP1507_08

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507-12D5 ANACHIP-AP1507-12D5 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507-12D5-13 DIODES-AP1507-12D5-13 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Anachip Corp
AP1507-12D5A ANACHIP-AP1507-12D5A Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
AP1507-12D5L ANACHIP-AP1507-12D5L Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507-12D5L-13 DIODES-AP1507-12D5L-13 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results

Similar Description - AP1507_08

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com