Electronic Components Datasheet Search
  English  ▼

X  

AP1533 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1533
Description  PWM CONTROL 1.8A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1533 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1533 Datasheet HTML 1Page - Diodes Incorporated AP1533 Datasheet HTML 2Page - Diodes Incorporated AP1533 Datasheet HTML 3Page - Diodes Incorporated AP1533 Datasheet HTML 4Page - Diodes Incorporated AP1533 Datasheet HTML 5Page - Diodes Incorporated AP1533 Datasheet HTML 6Page - Diodes Incorporated AP1533 Datasheet HTML 7Page - Diodes Incorporated AP1533 Datasheet HTML 8Page - Diodes Incorporated AP1533 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
5 of 9
JULY 2009
DS31192
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
VIN vs. Frequency
(VOUT=3.3V; IOUT=0.2A)
300
302
304
306
308
310
312
314
316
318
320
0
2
4
6
8
10 12 14 16 18 20 22 24
VIN (V)
VIN vs. VFB
(VOUT=3.3V; IOUT=0.2A)
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
0
2
4
6
8
1012141618 202224
VIN (V)
Line Regulation
(VOUT=3.3V; IOUT=0.2A)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
2
4
6
8
10 121416 1820 22 24
VIN (V)
Load Regulation
(VIN=12V)
3.15
3.16
3.17
3.18
3.19
3.20
3.21
3.22
3.23
3.24
3.25
0
0.5
1
1.5
2
IOUT (A)
Efficiency
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
00.5
11.5
2
IOUT (A)
VOUT=3.3V
VOUT=5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com