Electronic Components Datasheet Search
  English  ▼

X  

AP1533 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1533
Description  PWM CONTROL 1.8A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1533 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1533 Datasheet HTML 1Page - Diodes Incorporated AP1533 Datasheet HTML 2Page - Diodes Incorporated AP1533 Datasheet HTML 3Page - Diodes Incorporated AP1533 Datasheet HTML 4Page - Diodes Incorporated AP1533 Datasheet HTML 5Page - Diodes Incorporated AP1533 Datasheet HTML 6Page - Diodes Incorporated AP1533 Datasheet HTML 7Page - Diodes Incorporated AP1533 Datasheet HTML 8Page - Diodes Incorporated AP1533 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1533
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
1 of 9
JULY 2009
DS31192
www.diodes.com
© Diodes Incorporated
•
Input voltage: 4V to 23V
•
Output voltage: 0.8V to VCC
•
Output current: 1.8A up to peak 2A
•
Duty ratio: 0% to 99% PWM control
•
Oscillation frequency: 300KHz typ.
•
Soft-start like, Current limit and Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
AP1533 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier, internal PMOS.
AP1533 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 99%. This converter also
contains an error amplifier circuit as well as a soft-start circuit that
prevents overshoot at startup. An enable function, an over current
protect function and a short circuit protect function are built inside,
and when OCP or SCP happens, the operation frequency will be
reduced from 300KHz to 50KHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP-8L mini-package, providing such outstanding features as low
current consumption. Since this converter can accommodate an
input voltage up to 23V, it is also suitable for the operation via an
AC adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor core supply
Typical Application Circuit
AP1533
+
-
V
SS
EN
C
C
R
A
R
B
D1
*
FB
Vcc
Output
CVcc
V
OUT=5V/1.8A
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
L1
33uH
6.8K
1.3K
3.3K
0.1uF
+
-
C
0.1uF
470uF
470uF
0.1uF
* Suggested DIODES Power Schottky P/N: B340 series or PDS340.
VOUT=VFB x (1+RA/RB)
R
B= 0.7K~5K ohm
Features
General Description
Applications


Similar Part No. - AP1533

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
AP1533SG-13 DIODES-AP1533SG-13 Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
AP1533SG-U DIODES-AP1533SG-U Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
More results

Similar Description - AP1533

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
1.8A Step-Down Synchronous Converter
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com