Electronic Components Datasheet Search
  English  ▼

X  

2SC3665 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3665
Description  Audio Power Amplifier Applications Driver-Stage Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3665 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3665 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3665
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3665
Audio Power Amplifier Applications
Driver-Stage Amplifier Applications
• Complementary to 2SA1425.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
800
mA
Base current
IB
80
mA
Collector power dissipation
PC
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 120 V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
120
―
―
V
Emitter-base breakdown voltage
V (BR) EBO
IE = 1 mA, IC = 0
5
―
―
V
DC current gain
hFE
(Note)
VCE = 5 V, IC = 100 mA
80
―
240
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
―
―
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 500 mA
―
―
1.0
V
Transition frequency
fT
VCE = 5 V, IC = 100 mA
―
120
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
―
30
pF
Note: hFE classification O: 80 to 160, Y: 120 to 240
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight: 0.2 g (typ.)
C3665
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SC3665

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665 Datasheet
152Kb / 2P
NPN EPITAXIAL TYPE (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC3665 TOSHIBA-2SC3665 Datasheet
121Kb / 4P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SC3665 TOSHIBA-2SC3665 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
More results

Similar Description - 2SC3665

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com