Electronic Components Datasheet Search
  English  ▼

X  

2SC3665 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3665
Description  Audio Power Amplifier Applications Driver-Stage Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3665 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3665 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC3665
2004-07-07
2
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
1000
0
0
800
600
400
200
2
4
6
8
10
12
Common emitter
Ta = 25°C
3
4
2
0
IB = 1 mA
15
14
10
7
5
20
0
40
60
100
120
1.2
0.4
0
0.2
0.6
0.8
80
140
160
1.0
400
800
0
0
600
200
0.2
0.4
0.6
0.8
1.0
1.2
Ta = 100°C
25
−25
Common emitter
VCE = 5 V
5
0.001
0.3
0.003
0.01
0.03
0.05
0.1
0.3
0.5
1
3
3
10
30
100
300
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
Ta = 25°C
1
1000
0.005
25
300
Common emitter
IC/IB = 10
0.5
3
0.3
0.05
0.03
0.01
10
30
100
1000
Ta = 100°C
−25
0.1
1000
20
3
500
300
100
50
10
30
100
300
1000
Ta = 100°C
25
−25
Common emitter
VCE = 5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com