Electronic Components Datasheet Search
  English  ▼

X  

AP2161 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP2161
Description  1A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2161 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP2161 Datasheet HTML 11Page - Diodes Incorporated AP2161 Datasheet HTML 12Page - Diodes Incorporated AP2161 Datasheet HTML 13Page - Diodes Incorporated AP2161 Datasheet HTML 14Page - Diodes Incorporated AP2161 Datasheet HTML 15Page - Diodes Incorporated AP2161 Datasheet HTML 16Page - Diodes Incorporated AP2161 Datasheet HTML 17Page - Diodes Incorporated AP2161 Datasheet HTML 18Page - Diodes Incorporated AP2161 Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AP2161/AP2171
1A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2161/AP2171 Rev. 6
16 of 19
JUNE 2009
DS31564
www.diodes.com
© Diodes Incorporated
Package Information
(Continued)
(2) Package Type: MSOP-8L-EP
2.9/3.1
0.65Bsc.
0.22/0.38
0.05
0.4/0.8
0.95Ref.
Gauge plane
"A"
DETAIL "A"
1.65/1.95
EXPOSED PAD
(BOTTOM)
8x-0.45
6x-0.65
EXPOSED PAD
(BOTTOM)
1
1
1
Land Pattern Recommendation
(Unit:mm)
(3) Package Type: SOT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com