Electronic Components Datasheet Search
  English  ▼

X  

AP2161 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2161
Description  1A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2161 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2161 Datasheet HTML 1Page - Diodes Incorporated AP2161 Datasheet HTML 2Page - Diodes Incorporated AP2161 Datasheet HTML 3Page - Diodes Incorporated AP2161 Datasheet HTML 4Page - Diodes Incorporated AP2161 Datasheet HTML 5Page - Diodes Incorporated AP2161 Datasheet HTML 6Page - Diodes Incorporated AP2161 Datasheet HTML 7Page - Diodes Incorporated AP2161 Datasheet HTML 8Page - Diodes Incorporated AP2161 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AP2161/AP2171
1A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2161/AP2171 Rev. 6
3 of 19
JUNE 2009
DS31564
www.diodes.com
© Diodes Incorporated
Pin
Name
Pin Number
Descriptions
SOP-8L
SOT25
DFN2018-6
MSOP-8L-EP
GND
1
2
1
Ground
IN
2, 3
5
2
Voltage input pin (all IN pins must be tied together
externally)
EN
4
4
3
Enable input, active low (AP2161) or active high
(AP2171)
FLG
5
3
4
Over-current and over-temperature fault report;
open-drain flag is active low when triggered
OUT
6, 7
1
5, 6
Voltage output pin (all OUT pins must be tied together
externally)
NC
8
N/A
N/A
No internal connection; recommend tie to OUT pins
Functional Block Diagram
AP2161, AP2171
Thermal
Sense
Driver
FLG
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com