Electronic Components Datasheet Search
  English  ▼

X  

AP2162 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2162
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2162 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2162 Datasheet HTML 6Page - Diodes Incorporated AP2162 Datasheet HTML 7Page - Diodes Incorporated AP2162 Datasheet HTML 8Page - Diodes Incorporated AP2162 Datasheet HTML 9Page - Diodes Incorporated AP2162 Datasheet HTML 10Page - Diodes Incorporated AP2162 Datasheet HTML 11Page - Diodes Incorporated AP2162 Datasheet HTML 12Page - Diodes Incorporated AP2162 Datasheet HTML 13Page - Diodes Incorporated AP2162 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2162/AP2172
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2162/AP2172 Rev. 5
10 of 17
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Channel 2 UVLO Increasing
1ms/div
Channel 2 UVLO Decreasing
10ms/div
Channel 1 Enabled and Shorted with Channel 2
Disabled
100ms/div
Channel 1 Disabled and Channel 2 Enabled
50ms/div
Turn-On Time vs Input Voltage
250
300
350
400
450
500
550
600
650
700
750
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off Time vs Input Voltage
25
26
26
27
27
28
28
29
29
30
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Iout
500mA/div
Vin
2V/div
Vin
2V/div
Iout
500mA/div
TA=25°C
CL=68uF
RL=5Ω
TA=25°C
CL=68uF
RL=5Ω
Vout 2
5V/div
Iout 2
500mA/div
TA=25°C
CL=68uF
Vout 1
5V/div
Vflag 1
5V/div
Vout 1
5V/div
Vout 2
5V/div
TA=25°C
CL=68uF
Ven1
5V/div
Ven2
5V/div
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com