Electronic Components Datasheet Search
  English  ▼

X  

AP2162 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2162
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2162 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2162 Datasheet HTML 8Page - Diodes Incorporated AP2162 Datasheet HTML 9Page - Diodes Incorporated AP2162 Datasheet HTML 10Page - Diodes Incorporated AP2162 Datasheet HTML 11Page - Diodes Incorporated AP2162 Datasheet HTML 12Page - Diodes Incorporated AP2162 Datasheet HTML 13Page - Diodes Incorporated AP2162 Datasheet HTML 14Page - Diodes Incorporated AP2162 Datasheet HTML 15Page - Diodes Incorporated AP2162 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP2162/AP2172
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2162/AP2172 Rev. 5
12 of 17
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Undervoltage Lockout vs Ambient Temperature
1.60
1.70
1.80
1.90
2.00
2.10
2.20
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Threshold Trip Current vs Input Voltage
1.88
1.89
1.90
1.91
1.92
1.93
1.94
1.95
1.96
1.97
1.98
1.99
2.83.3
3.84.3
4.8
5.3
Input Voltage (V)
Current Limit Response vs Peak Current
0
20
40
60
80
100
120
02468
10
12
Peak Current (A)
UVLO Falling
UVLO Rising
TA=25°C
CL=68uF
VIN=5V
TA=25°C
CL=68uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com