Electronic Components Datasheet Search
  English  ▼

X  

AP5004 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP5004
Description  PWM CONTROL 2.5A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5004 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP5004 Datasheet HTML 3Page - Diodes Incorporated AP5004 Datasheet HTML 4Page - Diodes Incorporated AP5004 Datasheet HTML 5Page - Diodes Incorporated AP5004 Datasheet HTML 6Page - Diodes Incorporated AP5004 Datasheet HTML 7Page - Diodes Incorporated AP5004 Datasheet HTML 8Page - Diodes Incorporated AP5004 Datasheet HTML 9Page - Diodes Incorporated AP5004 Datasheet HTML 10Page - Diodes Incorporated AP5004 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP5004
PWM CONTROL 2.5A STEP-DOWN CONVERTER
AP5004
Document number: DS31444 Rev. 5 - 2
9 of 11
www.diodes.com
August 2010
© Diodes Incorporated
Functional Description (Continued)
Output Capacitor Selection
An output capacitor is required to maintain the DC output voltage. Low ESR capacitors are preferred to keep the
output voltage ripple low. The characteristics of the output capacitor also affect the stability of the regulation
control system. The ESR dominates the impedance at the switching frequency.The output ripple is calculated as:
ESR
R
I
RIPPLE
V
×
Δ
≅
Output Rectifier Diode
The output rectifier diode supplies the current to the inductor when the high-side switch is OFF. To reduce losses
due to the diode forward voltage and recovery times, use a Schottky rectifier.
PCB Layout Guide
The dual Output pin (4) and VSS pins (7 & 8) on the SOP-8L package are internally connected to die pad. If low
TC & TJ or a large PD (Power Dissipation) is needed, the PCB layout should allow for maximum possible copper
area exposure at the SW pins. Please also follow the steps below to reduce switching noise.
1. Connect C3 to VCC and VSS pin as closely as possible to get good power filter effect.
2. Connect ground side of the C2 & D1 as closely as possible.
Typical PC Board Layout:
Top Side Layout Guide
Bottom Side Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com