Electronic Components Datasheet Search
  English  ▼

X  

AP5004 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5004
Description  PWM CONTROL 2.5A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5004 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5004 Datasheet HTML 1Page - Diodes Incorporated AP5004 Datasheet HTML 2Page - Diodes Incorporated AP5004 Datasheet HTML 3Page - Diodes Incorporated AP5004 Datasheet HTML 4Page - Diodes Incorporated AP5004 Datasheet HTML 5Page - Diodes Incorporated AP5004 Datasheet HTML 6Page - Diodes Incorporated AP5004 Datasheet HTML 7Page - Diodes Incorporated AP5004 Datasheet HTML 8Page - Diodes Incorporated AP5004 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP5004
PWM CONTROL 2.5A STEP-DOWN CONVERTER
AP5004
Document number: DS31444 Rev. 5 - 2
4 of 11
www.diodes.com
August 2010
© Diodes Incorporated
Electrical Characteristics (VIN = 12V, TA=25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
0.780
0.8
0.820
V
VIN
Input Voltage
10
-
32
V
ISTBY
Standby Current
VEN =0V
-
2
-
µA
∆V
OUT/VOUT
Line Regulation
VIN = 10V~32V
-
±1.0
±1.5
%/V
∆V
OUT/VOUT
Load Regulation
IOUT = 0.1 to 2.5A
-
1
1.5
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
240
300
360
KHz
fOSC1
Frequency of Current Limit or
Short Circuit Protect
Measure waveform at SW pin
-
50
-
KHz
DC
Maximum Duty Cycle
VFB =0.5V
-
90
-
%
Minimum Duty Cycle
VFB =1.0V
-
0
-
%
VIH
EN Pin Logic Input Threshold
Voltage
Regulator ON
2.0
-
-
V
VIL
Regulator OFF
-
-
0.8
ISH
EN Pin Input Leakage Current
-
20
-
µA
ISL
-
-10
-
µA
RDS(ON)
Internal MOSFET RDS(ON)
-
80
120
m
Ω
ILIMIT
Current Limit
3.5
-
-
A
η
Efficiency
VIN = 12V, VOUT = 5V, IOUT = 2.5A
-
90
-
%
θ
JA
Thermal Resistance Junction-
to-Ambient
SOP-8L (Note 3)
-
124
-
oC/W
θ
JC
Thermal Resistance Junction-
to-Case
SOP-8L (Note 3)
-
25
-
oC/W
Notes:
3. Test condition for SOP-8L: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com