Electronic Components Datasheet Search
  English  ▼

X  

APX339 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APX339
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX339 Datasheet(HTML) 5 Page - Diodes Incorporated

  APX339 Datasheet HTML 1Page - Diodes Incorporated APX339 Datasheet HTML 2Page - Diodes Incorporated APX339 Datasheet HTML 3Page - Diodes Incorporated APX339 Datasheet HTML 4Page - Diodes Incorporated APX339 Datasheet HTML 5Page - Diodes Incorporated APX339 Datasheet HTML 6Page - Diodes Incorporated APX339 Datasheet HTML 7Page - Diodes Incorporated APX339 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
5 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Unless otherwise specified, Vs=+5V, single supply, TA=25
oC
Supply Current vs. Supply Voltage Output High
Supply Current vs. Supply Voltage Output Low
Output Voltage vs. Output Current (5V)
Output Voltage vs. Output Current (2.7V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com