Electronic Components Datasheet Search
  English  ▼

X  

APX339 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX339
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX339 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX339 Datasheet HTML 1Page - Diodes Incorporated APX339 Datasheet HTML 2Page - Diodes Incorporated APX339 Datasheet HTML 3Page - Diodes Incorporated APX339 Datasheet HTML 4Page - Diodes Incorporated APX339 Datasheet HTML 5Page - Diodes Incorporated APX339 Datasheet HTML 6Page - Diodes Incorporated APX339 Datasheet HTML 7Page - Diodes Incorporated APX339 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
1 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
•
Guaranteed 2.7V and 5V performance
•
Industrial temperature range (-40°C to +85°C)
•
Low supply current: 60 µA per Channel
•
Input Common Mode Voltage (V-+0.2V to V+ -0.2V)
•
Low output saturation voltage @ 200 mV
•
Manufactured in standard CMOS process
•
MSOP-8L, SOP-8L, and TSSOP-14L available in
“Green” Molding Compound (No Br, Sb)
•
Lead-free Finish / RoHS Compliant (Note 3)
The APX393/339 are low voltage (2.5V to 5.5V) dual and quad
comparators. The APX393 is the dual version available in the
8-pin SOP and MSOP packages. The APX339 is the quad
version available in 14-pin TSSOP package. The APX393/339
are designed to efficiently minimize cost, space, and power
consumption for portable consumer products. They have open
drain output to connect to the logic supply through a pull-up
resistor and allow interfacing to a variety of logic families.
•
Mobile communications
•
Notebooks and PDA’s
•
Battery powered electronics
•
General purpose portable device
•
General purpose low voltage applications
APX 3XX XX G - 13
S : SOP-8L
Part Number
Package
39 : Quad (Note 2)
Packing
Green
G : Green
93 : Dual (Note 1)
M8 : MSOP-8L
TS : TSSOP-14L
13 : Tape & Reel
Device
Package
Code
Packaging
(Note 4)
13” Tape and Reel
Quantity
Part Number Suffix
APX393M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
APX393SG-13
S
SOP-8L
2500/Tape & Reel
-13
APX339TSG-13
TS
TSSOP-14L
2500/Tape & Reel
-13
Notes:
1. APX393 is only available for MSOP-8L and SOP-8L.
2. APX339 is only available for TSSOP-14L.
3. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - APX339

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX321SEG-7 DIODES-APX321SEG-7 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX321WG-7 DIODES-APX321WG-7 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX324 DIODES-APX324 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX324TSG-13 DIODES-APX324TSG-13 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
More results

Similar Description - APX339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
logo
Texas Instruments
LMC6681 TI1-LMC6681 Datasheet
793Kb / 26P
Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com