Electronic Components Datasheet Search
  English  ▼

X  

MLU Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MLU
Description  ESD Protectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MLU Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MLU Datasheet HTML 1Page - Bourns Electronic Solutions MLU Datasheet HTML 2Page - Bourns Electronic Solutions MLU Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ RoHS compliant*
■ ESD protection >25 kV
■ Low capacitance <0.05 pF
■ Low leakage current <5 nA
Applications
■ HDMI 1.4
■ Digital Visual Interface (DVI)
■ USB 3.0 / USB OTG
■ Memory protection
■ SIM card ports
ChipGuard® MLU Series - ESD Protectors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Device Symbol
General Information
Electrical Characteristics @ 25 °C (unless otherwise noted)
CG0402MLU / CG0603MLU (Note 3)
Parameter
Symbol
3.3x
05x
12x
24x
Unit
Typical Continuous Operating Voltage
VDC
3.3
5
12
24
V
Typical Clamping Voltage (Note 1)
VC
25
V
Maximum Capacitance @ 1 VRMS 1 MHz
CO
0.05
pF
Maximum Leakage Current @ Max. VDC
IL
5
nA
Typical Trigger Voltage (Note 2)
VT
250
V
Maximum ResponseTime
RT
1
ns
ESD Protection: Per IEC 61000-4-2
Min. Contact Discharge (>1000 Reps)
±8
kV
Min. Air Discharge (>1000 Reps)
±15
kV
Operating Temperature
TOPR
-40 to +125
˚C
Storage Temperature
TSTG
-55 to +150
˚C
The ChipGuard® MLU Series has been specifically designed to protect sensitive electronic
components from electrostatic discharge damage. The MLU family has been designed to
protect equipment to IEC61000-4-2, Level 4 (±8 kV Contact / ±15 kV Air Discharge) ESD
specifications targeted for high speed USB 3.0/USB OTG, HDMI
1.4, DVI or IEEE1394
applications.
The ChipGuard® MLU Series has been manufactured to provide low 0.05 pF capacitance
and leakage currents less than 5 nA with excellent clamp qualities, making the family almost
transparent under normal working conditions.
V
Notes: 1. Per IEC 61000-4-2, Level 4 8 kV Contact Discharge. Measurement 30 ns after initiation of pulse.
2. Per IEC 61000-4-2, Level 4 8 kV Contact Discharge. Measurement at maximum pulse voltage.
3. Part number suffix “x” can be E for 0603 size or G for 0402 size to indicate tape & reel quantity.


Similar Part No. - MLU

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
MLU06-000-0-00QK-008U-SS HUBERSUHNER-MLU06-000-0-00QK-008U-SS Datasheet
393Kb / 2P
MLU 12F, SM, 6x Q-ODC-2 to 6x LC uniboot
MLU06-000-3-00QK-008U-MM HUBERSUHNER-MLU06-000-3-00QK-008U-MM Datasheet
395Kb / 3P
MLU 12F, OM3, 6x Q-ODC-2 to 6x LC uniboot
MLU0C-000-0-00QK-008U-SS HUBERSUHNER-MLU0C-000-0-00QK-008U-SS Datasheet
813Kb / 3P
MLU 24F, SM, 12x Q-ODC-2 to 12x LC uniboot
MLU0C-000-0-00QK-00QH-SS HUBERSUHNER-MLU0C-000-0-00QK-00QH-SS Datasheet
4Mb / 1P
MLUQ Head, 12F, SM, 1x Q-ODC12 input, 6x-Q-ODC2 output
MLU0C-000-1-00QK-0000-S0 HUBERSUHNER-MLU0C-000-1-00QK-0000-S0 Datasheet
329Kb / 2P
MLU 24F, SM, 12x Q-ODC-2 to blunt cut
More results

Similar Description - MLU

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
Transient Voltage Suppressors / ESD Protectors
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
MLA Series Varistor ESD Clamp Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
ESD Protectors
CG0603MLC-3.3LE BOURNS-CG0603MLC-3.3LE Datasheet
298Kb / 3P
ChipGuard짰 MLC Series - ESD Protectors
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
ChipGuard짰 MLU Series - ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
ESD Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
ChipGuard MLC Series - ESD Protectors
CG0603MLC-12LE BOURNS-CG0603MLC-12LE Datasheet
206Kb / 3P
ChipGuard짰 MLC Series - ESD Protectors
CG0402MLU-3.3-E BOURNS-CG0402MLU-3.3-E Datasheet
160Kb / 3P
ESD Protectors
logo
TDK Electronics
SGNE04 TDK-SGNE04 Datasheet
150Kb / 10P
Chip Protectors For ESD protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com