Electronic Components Datasheet Search
  English  ▼

X  

MLU Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MLU
Description  ESD Protectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MLU Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MLU Datasheet HTML 1Page - Bourns Electronic Solutions MLU Datasheet HTML 2Page - Bourns Electronic Solutions MLU Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ChipGuard® MLU Series - ESD Protectors
Packaging Dimensions
TOP
TAPE
NOTES: TAPE MATERIAL IS PAPER.
COVER TAPE ADHESION IS 40 ± 15 GRAMS.
TAPE THICKNESS IS
4.00 ± 0.10
(0.16 ± 0.004)
D
G
8.00 ± 0.30
(0.32 ± 0.012)
0.60 ± 0.05
(0.024 ± 0.002)
3.50 ± 0.05
(0.14 ± 0.002)
C
L
W
1.50 ± 0.10
(0.06 ± 0.004)
2.0 ± 0.50
(0.08 ± 0.02)
180.8 ± 2.0
(7.12 ± 0.08)
9.0 ± 0.50
(0.36 ± 0.02)
13.0 ± 1.0
(0.52 ± 0.04)
13.0 ± 0.50
(0.52 ± 0.02)
62.0 ± 1.50
(2.48 ± 0.06)
21.0 ± 0.80
(0.84 ± 0.032)
DIMENSIONS:
MM
(INCHES)
CG0402
CG0603
Dimension
Series
Series
C
1.75 ± 0.05
1.75 ± 0.10
(0.04 ± 0.002)
(0.04 ± 0.004)
D
2.00 ± 0.02
2.00 ± 0.05
(0.08 ± 0.0008)
(0.08 ± 0.002)
L
1.12 ± 0.03
1.80 ± 0.20
(0.045 ± 0.0012)
(0.072 ± 0.008)
W
0.62 ± 0.03
0.90 ± 0.20
(0.025 ± 0.0012)
(0.036 ± 0.008)
G
2.0 ± 0.05
4.0 ± 0.05
(0.08 ± 0.002)
(0.16 ± 0.002)
How to Order
CG 0402 MLU - 12 G
ChipGuard®
Product Designator
Package Option
0402 = 0402 Package
0603 = 0603 Package
Multilayer Series Designator
Operating Voltage
3.3 = 3.3 V
05 = 5 V
12 = 12 V
24 = 24 V
Tape & Reel Packaging
E =
5,000 pcs. per reel (0603 Package)
G =
10,000 pcs. per reel (0402 Package)
REV. G 11/09
Asia-Pacific: TEL +886-2 25624117 • FAX +886-2 25624116
Europe: TEL +41-41 7685555 • FAX +41-41 7685510
The Americas: TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com