Electronic Components Datasheet Search
  English  ▼

X  

LM3464MHX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464MHX
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464MHX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3464MHX Datasheet HTML 9Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 10Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 11Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 12Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 13Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 14Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 15Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 16Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
30115011
FIGURE 6. LED Current vs R
ISNSx
RESPONSE OF THE LM3464/64A DRIVER STAGE
In order to ensure good operation stability of the entire sys-
tem, the response of the LM3464/64A circuitry must be set
slower than the primary power supply. The response of the
LM3464/64A is decided by the value of the capacitor, C
DHC.
In general, a higher capacitance C
DHC will result in slower re-
sponse of the LM3464/64A driver stage.
Generally, a first order integrator that consists of C
DHC and a
transconductance amplifier with g
m = 76umho and +/– 15uA
current limit as shown in Figure 7 defines the frequency re-
sponse of the LM3464/64A driver stage.
30115030
FIGURE 7. Simplified Circuit of the Frequency Response
Setting Mechanism
The transconductance amplifier serves as a voltage to current
converter that charges C
DHC with a current proportional to the
difference in voltage between the DRx and VDHC pins.
As the voltage of the OutP pin is equal to V
CC – VCDHC, the
capacitance of C
DHCdecide the rate of change of the OutP pin
voltage and eventually limits the frequency response of the
whole system . The higher capacitance the C
DHC has, the
longer time the OutP pins takes for certain voltage change.
Thus the value of C
DHC
decides the response of the
LM3464/64A driver stage.
If the response of the LM3464/64A driver stage is set faster
than that of the primary power supply, the entire system will
suffer from unstable operation. However, setting the re-
sponse of the LM3464/64A driver stage unnecessarily slow
will worsen transient performance of the system and false
trigger the fault detection mechanism of the LM3464/64A.
Practically, the minimum value of the C
DHC can be found out
by means of ‘try and error’. In most cases, a 1uF 16V ceramic
capacitor is a good starting point that sets the response of the
LM3464/64A driver stage slow enough for initial trial.
The value of the C
DHC capacitor can be reduced to speed up
the response of the LM3464/64A driver stage. Otherwise, in
case the system is unstable with 1uF C
DHC, the capacitance
of the C
DHC capacitor should be increased until the entire
system get into stable operation.
This approach is effectively setting the cut-off frequency of the
LM3464/64A driver stage lower than that of the primary power
supply. Usually, setting the cut-off frequencies of the two
stages apart can help avoiding unstable operation. The cut-
off frequency of the LM3464/64A driver stage is governed by
the follow equation:
THERMAL FOLDBACK INTERFACE
The thermal foldback function of the LM3464/64A helps in re-
ducing the average LED currents and prolonging the LED
lifetime under high temperature. The Thermal pin of the
LM3464/64A is an analog input for thermal foldback control
that accepts DC voltage from 0V to V
CC. The thermal foldback
control circuitry reduces the average LED currents by means
of PWM dimming as shown in Figure 8:
30115040
FIGURE 8. Average LED Current Reduces According to
V
Thermal
The dimming frequency is defined by a sawtooth waveform
that generated by charging and discharging the capacitor
C
THM which connects across the Thermal_Cap pin and GND.
The LM3464/64A charges the C
THM up to 3.25V with 50uA
constant current and discharge the C
THM by pulling the
Thermal_Cap pin to ground until the pin voltage equals 0.4V.
By comparing the voltage at the Thermal pin to the sawtooth
voltage being generated at the Thermal_Cap pin of the
LM3464/64A, a PWM dimming signal for thermal foldback is
generated as shown in Figure 9:
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com