Electronic Components Datasheet Search
  English  ▼

X  

LM3464MHX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464MHX
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464MHX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3464MHX Datasheet HTML 10Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 11Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 12Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 13Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 14Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 15Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 16Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 17Page - National Semiconductor (TI) LM3464MHX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
30115041
FIGURE 9. Signals Facilitating Thermal Foldback Control
If the voltage at the Thermal pin is driven to exceed 3.25V, all
output channels will be enabled with 100% thermal dimming
duty cycle. If the Thermal pin voltage is set below 0.4V, all
output channels will be disabled with 0% thermal dimming
duty cycle. The dimming frequency and duty cycle with ther-
mal foldback control are governed by the following equations:
D
Thermal-foldback = (TLED_ON x fThermal-foldback) x 100%
= [(V
THERMAL - 0.4) X 35]%
for 0.4
≤ V
THERMAL ≤ 3.25V
SETTING MINIMUM THERMAL DIMMING DUTY CYCLE
In applications that need to guarantee minimum illumines un-
der high temperature environments, the minimum dimming
duty cycle for thermal foldback may need to be limited. Such
limit is defined by the voltage at the DMIN pin. When the
Thermal pin voltage falls below the voltage at the DMIN pin,
the thermal foldback dimming duty cycle will maintain at the
level which set by the voltage of the DMIN pin (V
DMIN), as
shown in Figure 10.
30115042
FIGURE 10. Thermal Foldback Control with Minimum
Dimming Duty Cycle Limit
To define the minimum thermal dimming duty cycle, V
DMIN
should be set in between 0.4V to 3.25V. The minimum duty
cycle is governed by the following equation:
D
MINIMUM = [(VDMIN - 0.4) X 35]%
for 0.4
≤ V
DMIN ≤ 3.25V
When V
DMIN is below 0.4V (e.g. connect to GND), the mini-
mum thermal dimming duty cycle limit is disabled. In applica-
tions that thermal foldback control is not required, the DMIN
pin can be tied to GND to reduce power consumption.
PWM DIMMING
The LM3464/64A provides a DIM pin that accepts TTL logic
level signal for PWM dimming. When the DIM pin is pulled
low, all LED current regulators will turn off while maintaining
V
CC regulator and part of the internal circuitries operating.
External pull up resistor is required if the DIM pin is driven by
an open collector / drain driver. PWM dimming guarantees
uniform color temperature of the light throughout the entire
dimming range. The average current of every output channel
is decided by the dimming duty cycle and follows the equation
below:
I
LED(AVG) = DPWM x ILED
PWM DIMMING CONTROL WITH THERMAL FOLDBACK
The PWM dimming control can coexist with thermal foldback
by applying PWM dimming control signal and thermal control
signal to the DIM and Thermal pins concurrently. Normally,
the dimming frequency for thermal foldback control should be
much higher than the frequency of the PWM dimming control
signal. Figure 11 presents the relationship among V
Thermal,
V
Thermal_Cap, VDIM and ILED. As shown in the Figure, when
thermal foldback is functioning, the average output current
can be further decreased linearly according to the duty cycle
of the PWM dimming signal being applied to the DIM pin. In
order to synchronize the dimming signals, the C
THM is dis-
charged on every rising edge of the PWM dimming signal on
DIM pin, notice as t
1, t2 and t3 in Figure 11.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com